Part Number Hot Search : 
022284 DS1821 IRF9530N P10N80 MA27V 16016 P6KA36 LTC248
Product Description
Full Text Search
 

To Download JMX-94FAS80DC24V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features  magnet latching relay.  small size, light weight.  high sensitivity & reliability.  well anti-shock and anti-vibration.  heavy contact load. ordering information jmx-94f a z 60 dc12v 1 2 3 4 5 1 part number jmx-94f 2 contact arrangement a:1a b:1b 3 enclosure s: sealed type z: dust cover 4 contact current 40:40a 60:60a 80:80a 5 coil rated voltage(v) dc: 9,12, 24 contact data contact arrangement 1a  spstno   1b  spstnc  contact material ag  cd o contact rating(resistive) 80a/250vac 60a/250vac 40a/250vac max. switching power 20000va 15000va 10000va max. switching voltage 300vac max. switching current:80a contact resistance & voltage drop  50m  (at 1a/24vdc) item 3.12 of iec255-7  100mv (at rated load) item 3.12 of iec255-7 electrical (rated load) 10 4 item 3.30 of iec255-7 operation life mechanical (no load) 10 6 item 3.31 of iec255-7 coil parameter dash numbers coil rated voltage vdc coil resistance  10% switching voltage vdc (50%-70% of rated voltage) pulse magnitude ms coil power consumption w operate time ms reset time ms 009-1000 9 81 4.5~6.3 012-1000 12 144 6.0~8.4 024-1000 24 576 12.0~16.8  60 1  20  20 caution : 1.when latching relays are installed in equipment, the latch and reset coil should not be pulsed simultaneously. coil should not be pulsed with less than the nominal coil voltage and pulse width should be a minimum of three times the specified operate time of the relay. if these conditions are not followed, it is possible for the relay t o be in the magnetically neutral position . 2.switching voltage is for test purpose only and are no to be used as design criteria. 151 jmx-94f 39 30 17.5 ch0054070 2000
operation condition insulation resistance 1000m     min (at 500vdc) item 7 of iec255-5 dielectric strength between contacts between contact and coil 50hz 1500v 50hz 4000v item 6 of iec255-5 item 6 of iec255-5 creepage distance 8.4mm addenda b of iec255-5 shock resistance functional 100m/s 2 ;survival:1000 m/s 2 11ms iec68-2-27 test ea vibration resistance 10~55hz double amplitude 1.5mm iec68-2-6 test fc terminals strength 5n iec68-2-21 test ua1 solderability 235  2  3  0.5s iec68-2-20 test ta method 1 ambient temperature -25~70  relative humidity 85% (at 40  ) iec68-2-3test ca mass 33g qualification inspection: perform the qualification test as specified in the table  of iec255-19-1 and minimum sample size 24. safety approvals safety approval ccee load 80a/220vac dimensions (unit: mm) notes 1 ).dimensions are in millimeter. 2).inch equivalents are given for general information only. 3).relays shall have plus(+) signs placed on the circuit diagram as shown. reference data jmx-94f dimensions mm inch 0.4 0.016 0.6 0.024 1.0 0.039 1.2 0.047 2.5 0.098 2.8 0.110 3.5 0.138 5.08 0.200 5.5 0.217 8.5 0.335 9 0.354 10 0.394 11 0.433 12 0.472 14 0.551 17.5 0.689 20 0.787 25.4 1.000 25.6 1.008 28 1.102 30 1.181 39 1.535 (assistant mounting terminal) 8,5 0.6 20 17,5 11 5,5 2,5 9 12 39 28 30 25,6 11 5,08 3-1x0.4 3,5 0.6 2.5 5,08 2.8 25.4 14 3- $ 1.2 (1.0) (1.0) (10) (3-0.6x0.6) wiring diagram mounting (bottom views) +


▲Up To Search▲   

 
Price & Availability of JMX-94FAS80DC24V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X